Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download 2SC4833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4833
DESCRIPTION With ITO-220 package Switching power transistor High voltage,high speed
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (ITO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg
TOR NDU ICO E SEM ANG INCH
Collector-base voltage Open emitter 500 Collector-emitter voltage Open base 400 7 Emitter-base voltage Open collector Collector current 5 Collector current-Peak 10 2 4 TC=25ae 35 150 -55~150 Base current Base current-Peak Total power dissipation Junction temperature Storage temperature
PARAMETER
CONDITIONS
VALUE
UNIT V V V A A A A W ae ae
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 3.57 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4833
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current At rated volatge ICEO IEBO hFE-1 hFE-2 fT ton ts tf Collector cut-off current Emitter cut-off current DC current gain DC current gain At rated volatge IC=2.5A ; VCE=2V 10 0.1 25 mA 0.1 mA CONDITIONS IC=0.1A ;IB=0 IC=2.5A; IB=0.5A IC=2.5A; IB=0.5A MIN 400 1.0 1.5 TYP. MAX UNIT V V V
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO
TOR NDU ICO E SEM ANG INCH
IC=1mA ; VCE=2V 10 Transition frequency IC=0.5A ; VCE=10V 13 Turn-on time Storage time 0.3 IC=2.5A;IB1=0.5A IB2=1A ,RL=60| VBB2=4V 1.3 Fall time 0.1
MHz |I |I |I s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4833
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X